PART |
Description |
Maker |
LT1800 LT1800CS5 LT1800CS8 LT1800IS5 LT1800IS8 180 |
80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amp; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 4000 uV OFFSET-MAX, 70 MHz BAND WIDTH, PDSO8 From old datasheet system 80MHz, 25V/us Low Power Rail-to-Rail Input and Output Precision Op Amp 80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp 80MHz/ 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
|
Linear Technology, Corp. LINER[Linear Technology] Linear Technology Corporation
|
HA-2842 |
Op Amp, 80MHz, Video, High Slew Rate, High Output Current
|
Intersil
|
LT1169CN8PBF |
Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 4000 uV OFFSET-MAX, 4 MHz BAND WIDTH, PDIP8
|
Linear Technology, Corp.
|
LT1801IMS8 LT1802CS LT1801CS8 LT1801CMS8 LT1801IS8 |
Dual/Quad 80MHz, 25V/レs Low Power Rail-to-Rail Input and Output Precision Op Amps
|
Linear Technology
|
X9269US24IZ X9269UV24-2.7T1 X9269TV24I-2.7 X9269TS |
Dual Digitally Controlled (XDCP™) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-SOIC T&R Dual Digitally-Controlled Potentiometers Dual Digitally Controlled (XDCP™) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-TSSOP T&R DUAL 50K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24 Dual Digitally Controlled (XDCP™) Potentiometers; Temperature Range: -40°C to 85°C; Package: 24-TSSOP
|
http:// Intersil, Corp. INTERSIL CORP
|
LT1497CS8TRPBF |
Dual 125mA, 50MHz Current Feedback Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 15000 uV OFFSET-MAX, PDSO8
|
Linear Technology, Corp.
|
ISL6228HRTZ ISL6228HRTZ-T ISL6228IRTZ-T |
High-Performance Dual-Output Buck Controller for Notebook Applications; Temperature Range: -40°C to 85°C; Package: 28-TQFN T&R DUAL SWITCHING CONTROLLER, 600 kHz SWITCHING FREQ-MAX, PQCC28
|
Intersil, Corp. Intersil Corporation
|
ISL9012IRFDZ-T ISL9012IRCJZ-T ISL9012IRMGZ-T ISL90 |
Dual LDO with Low Noise, Low IQ, and High PSRR; Temperature Range: -40°C to 85°C; Package: 10-DFN T&R DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10
|
Intersil, Corp.
|
LT1492CN8PBF |
5MHz, 3V/us, Low Power Single Supply, Dual and Quad Precision Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 550 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDIP8
|
Linear Technology, Corp.
|
LT1124IS8TRPBF LT1124IS8-1TRPBF LINEARTECHNOLOGYCO |
Dual/Quad Low Noise, High Speed Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C DUAL OP-AMP, 200 uV OFFSET-MAX, 12.5 MHz BAND WIDTH, PDSO8 DUAL OP-AMP, 170 uV OFFSET-MAX, 12.5 MHz BAND WIDTH, PDSO8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP Linear Dimensions Semic...
|
X9455WP24I |
Dual Two-wiper Digitally-Controlled (XDCP™) Potentiometer; Temperature Range: -40°C to 85°C; Package: 24-PDIP DUAL 10K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 256 POSITIONS, PDIP24
|
Linear Technology, Corp.
|
|